Part Number Hot Search : 
TDA8315T STV2249C FN3985 MAX156 12203 00306 244MT C4815
Product Description
Full Text Search
 

To Download SR230-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR-SERIES
Single output 20W ~ 660W
Unit Type Power Supply Model name
SR 60-5
Output voltage: 2 ~ 48V Output power: 20 ~ 660W Name of series
Features
marking (Low Voltage Directive) Long life and high reliability Lifetime: 10 years or more, 40C at full load (Internal fan is spare part) Wide operating temperature range: -20 ~ +71C Input voltage range: 85 ~ 132VAC /170 ~ 265VAC 77 models, 15W ~ 660W 5 year warranty
SR20
SR35
SR60
SR110
SR230
SR330
SR660
(Low Voltage Directive)
5 year warranty
Specifications
1. Input voltage range 2. Output voltage range 3. Line and load regulation 4. Maximum ripple & noise 5. Cooling 6. Operating ambient temperature (Standard mounting) 7. Withstand voltage 8. Safety standard 9. EMI 10. Functions 85 ~ 132VAC/170 ~ 265VAC (47 ~ 440Hz), 230 ~ 330VDC user selectable SR20 ~ SR110 : 10%, SR230 ~ SR660 : 20%, (2V output : -10 ~ +20%, 5V output : -20 ~ +10%) Line regulation: 0.4% (2V output : 20mV), Load regulation: 0.4% (2V output : 20 mV) 50mV : 2 ~ 6V output, 60mV : 9 ~ 15V output, 80mV : 18 ~ 28V output 90mV : 30 ~ 36V output, 100mV : 48V output type SR20, 35, 60, 110 : Convection cooling, SR230, 330, 660 : forced air cooling by internal fan -20 ~ +71C (SR20, 35, 60, 110 . . . +61 ~ +71C : Forced air cooling) SR20, 35... -20 ~ +71C/-20C: 50%, 0 ~ +40C: 100%, +60C: 60%, +71C: 50% SR60, 110... -20 ~ +71C/-20C: 50%, 0 ~ +40C: 100%, +60C: 70%, +71C: 50% SR230, 330, 600... -20 ~ +71C/-20C: 60%, 0 ~ +40C: 100%, +60C: 70%, +71C: 50% Input-output: 3.75kVAC, input-FG : 2.5kVAC, output-FG : 500VAC for 1 min. Approved by UL1950 , CSA950 and EN60950 Conforms to VCCI-class 1 and FCC class A Over voltage protection, Over current protection, Thermal protection, Remote sensing, Remote on/off control, Power-failure signal, Output current balancing, Fan alarm signal
* Output derating of output voltage range and operating ambient temperature are different according to models.
Product lineup
Model name SR20-2 SR20-5 SR20-6 SR20-9 SR20-12 SR20-15 SR20-18 SR20-20 SR20-24 SR20-28 SR20-48 SR35-2 SR35-5 SR35-6 SR35-9 SR35-12 SR35-15 SR35-18 SR35-20 SR35-24 SR35-28 SR35-48 SR60-2 SR60-5 SR60-6 SR60-9 SR60-12 SR60-15 SR60-18 SR60-20 SR60-24 SR60-28 SR60-48 SR110-2 SR110-5 SR110-6 SR110-9 SR110-12 Nominal Max. Max. UL CSA EN output voltage output current output power 8W 4A 2V 20W 4A 5V 19.8W 3.3A 6V 19.8W 2.2A 9V 20.4W 1.7A 12V 21W 1.4A 15V 21.6W 1.2A 18V 20W 1.0A 20V 21.6W 0.9A 24V 19.6W 0.7A 28V 19.2W 0.4A 48V 14W 7A 2V 35W 7A 5V 36W 6A 6V 36W 4A 9V 36W 3A 12V 39W 2.6A 15V 41.4W 2.3A 18V 42W 2.1A 20V 43.2W 1.8A 24V 44.8W 1.6A 28V 43.2W 0.9A 48V 24W 12A 2V 60W 12A 5V 60W 10A 6V 60.3W 6.7A 9V 66W 5.5A 12V 66W 4.4A 15V 70.2W 3.9A 18V 78W 3.9A 20V 79.2W 3.3A 24V 78.4W 2.8A 28V 72W 1.5A 48V 44W 22A 2V 110W 22A 5V 114W 19A 6V 117W 13A 9V 120W 10A 12V Nominal Max. Max. UL CSA EN output voltage output current output power SR110-15 120W 8A 15V SR110-18 117W 6.5A 18V SR110-20 120W 6A 20V SR110 SR110-24 120W 5A 24V SR110-28 117.6W 4.2A 28V SR110-48 120W 2.5A 48V SR230-2 92W 46A 2V SR230-5 230W 46A 5V SR230-6 228W 38A 6V SR230-9 229.5W 25.5A 9V SR230-12 234W 19.5A 12V SR230-15 232.5W 15.5A 15V SR230 SR230-18 234W 13A 18V SR230-20 240W 12A 20V SR230-24 240W 10A 24V SR230-28 238W 8.5A 28V SR230-48 240W 5A 48V SR330-2 132W 66A 2V SR330-5 330W 66A 5V SR330-6 330W 55A 6V 37A SR330-9 333W 9V 28A SR330-12 336W 12V 23A SR330-15 345W 15V SR330 19A SR330-18 342W 18V 17A SR330-20 20V 340W 15A 24V SR330-24 360W 13A 28V SR330-28 364W 7.5A 48V SR330-48 360W 132A 2V SR660-2 264W 132A 5V SR660-5 660W 110A 6V SR660-6 660W 74A 9V SR660-9 666W 56A 12V SR660-12 672W 45A 15V SR660-15 675W SR660 37.5A 18V SR660-18 675W 33A 20V SR660-20 660W 28A 24V SR660-24 672W 24A 28V SR660-28 672W 14A 48V SR660-48 672W 35 : Safety standard approved, : Conforms to safety standard Model name
SR20
SR35
SR60
SR110
Request customer specification for further details of specification, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
SR-SERIES
Unit Type Power Supply SR20
(LEFT SIDE VIEW) (FRONT VIEW)
Recommended Noise Filter
MAW-1201-22
P134
(BOTTOM VIEW)
(Unit: mm)
SR35
(LEFT SIDE VIEW)
(FRONT VIEW)
Recommended Noise Filter
MAW-1202-22
P134
(BOTTOM VIEW)
(Unit: mm)
SR60
(LEFT SIDE VIEW)
(FRONT VIEW)
Recommended Noise Filter
MAW-1203-22
P134
(BOTTOM VIEW)
(Unit: mm)
36
SR-SERIES
Unit Type Power Supply SR110
(FRONT VIEW) (LEFT SIDE VIEW)
(BOTTOM VIEW)
Recommended Noise Filter
MB1206
P137
(Unit: mm)
SR230
(TOPVIEW)
Recommended Noise Filter
MB1210
P137
(FRONT VIEW)
(LEFT SIDE VIEW)
(Unit: mm) 37
SR-SERIES
Unit Type Power Supply SR330
(TOP VIEW)
Recommended Noise Filter
MB1216
P137
(FRONT VIEW)
(LEFT SIDE VIEW)
(Unit: mm)
SR660
(TOP VIEW)
Recommended Noise Filter
MXB-1230-33
P148
(FRONT VIEW)
(LEFT SIDE VIEW)
(Unit: mm) 38


▲Up To Search▲   

 
Price & Availability of SR230-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X